Part Number Hot Search : 
STM1816 34063APS A66J031C SB007 HER10 CX1622 VND5E 2N7079
Product Description
Full Text Search
 

To Download CY7C1303BV25-167BZC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cy7c1303bv25 18-mbit burst of two-pipelined sram with qdr ? architecture cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document number: 38-05627 rev. *g revised july 16, 2013 18-mbit burst of two-pipelined sram with qdr ? architecture features separate independent read and write data ports ? supports concurrent transactions 167 mhz clock for high bandwidth ? 2.5 ns clock-to-v alid access time two word burst on all accesses double data rate (ddr) interfaces on both read and write ports (data transferred at 333 mhz) at 167 mhz two input clocks (k and k ) for precise ddr timing ? sram uses rising edges only two input clocks for ou tput data (c and c ) to minimize clock skew and flight ti me mismatches. single multiplexed address input bus latches address inputs for both read and write ports separate port selects for depth expansion synchronous internally self-timed writes 2.5 v core power supply with hstl inputs and outputs available in 165-ball fbga package (13 15 1.4 mm) variable drive hstl output buffers expanded hstl output voltage (1.4 v to 1.9 v) jtag interface variable impedance hstl configurations cy7c1303bv25 ? 1 m 18 functional description the cy7c1303bv25 is 2.5 v synchronous pipelined sram equipped with qdr ? architecture. qdr architecture consists of two separate ports to access the memory array. the read port has dedicated data outputs to support read operations and the write port has dedicated data inputs to support write operations. access to each port is accomplished through a common address bus. the read address is latched on the rising edge of the k clock and the write address is latched on the rising edge of k clock. qdr has separate data inputs and data outputs to completely eliminate the need to ?turn around? the data bus required with common i/o devices. accesses to the cy7c1303bv25 read and write ports are completely independent of one another. all accesses are initiated synchronously on the rising edge of the positive input clock (k). in order to maximize data thro ughput, both read and write ports are equipped with double data rate (ddr) interfaces. therefore, data can be transferre d into the device on every rising edge of both input clocks (k and k ) and out of the device on every rising edge of the output clock (c and c , or k and k when in single clock mode) thereby maximizing performance while simplifying system desi gn. each address lo cation is associated with two 18-bit words (cy7c1303bv25) that burst sequentially into or out of the device. depth expansion is accomplished with a port select input for each port. each port selects allow each port to operate independently. all synchronous inputs pass through input registers controlled by the k or k input clocks. all data outputs pass through output registers controlled by the c or c input clocks. writes are conducted with on-chip synchron ous self-timed write circuitry. selection guide description cy7c1303bv25-167 unit maximum operating frequency 167 mhz maximum operating current 500 ma
cy7c1303bv25 document number: 38-05627 rev. *g page 2 of 26 logic block diagram ? cy7c1303bv25 512 k 18 clk a (18:0) gen. k k control logic address register d [17:0] read add. decode read data reg. rps wps q [17:0] control logic address register reg. reg. reg. 18 19 18 36 write 18 bws 0 v ref write add. decode data reg write data reg memory array 512 k 18 memory 18 18 a (18:0) 19 18 c c bws 1 array
cy7c1303bv25 document number: 38-05627 rev. *g page 3 of 26 contents pin configuration ............................................................. 4 pin definitions .................................................................. 5 functional overview ........................................................ 6 read operations ......................................................... 6 write operations ......................................................... 6 byte write operations ................................................. 6 single clock mode .............. ........................................ 6 concurrent transactions ..... ........................................ 6 depth expansion ......................................................... 6 programmable impedance ........ .............. ........... ......... 7 application example ........................................................ 7 truth table ........................................................................ 8 write cycle descriptions ................................................. 8 ieee 1149.1 serial boundary sc an (jtag) ... ........... ...... 9 disabling the jtag feature ........................................ 9 test access port ......................................................... 9 performing a tap re set ............................................. 9 tap registers ............................................................. 9 tap instruction set ..................................................... 9 tap controller state diagram ....................................... 11 tap controller block diagram ...................................... 12 tap electrical characteristics ...................................... 12 tap ac switching characteristics ............................... 13 tap timing and test conditions .................................. 14 identification register definitions ................................ 15 scan register sizes ....................................................... 15 instruction codes ........................................................... 15 boundary scan order .................................................... 16 maximum ratings ........................................................... 17 operating range ............................................................. 17 neutron soft error immunity ......................................... 17 electrical characteristics ............................................... 17 dc electrical characteristics ..................................... 17 ac electrical characteristics ..................................... 18 thermal resistance ........................................................ 18 capacitance .................................................................... 18 ac test loads and waveforms ..................................... 18 switching characteristics .............................................. 19 switching waveforms .................................................... 20 ordering information ...................................................... 21 ordering code definitions ..... .................................... 21 package diagram ............................................................ 22 acronyms ........................................................................ 23 document conventions ................................................. 23 units of measure ....................................................... 23 document history page ................................................. 24 sales, solutions, and legal information ...................... 26 worldwide sales and design s upport ......... .............. 26 products .................................................................... 26 psoc? solutions ...................................................... 26 cypress developer community ................................. 26 technical support ................. .................................... 26
cy7c1303bv25 document number: 38-05627 rev. *g page 4 of 26 pin configuration figure 1. 165-ball fbga (13 15 1.4 mm) pinout cy7c1303bv25 (1 m 18) 1 2 3 4 5 6 7 8 9 10 11 a nc gnd/144 m nc/36 m wps bws 1 k nc rps a gnd/72 m nc b nc q9 d9 a nc k bws 0 ancnc q8 c nc nc d10 v ss aaav ss nc q7 d8 d nc d11 q10 v ss v ss v ss v ss v ss nc nc d7 e nc nc q11 v ddq v ss v ss v ss v ddq nc d6 q6 f nc q12 d12 v ddq v dd v ss v dd v ddq nc nc q5 g nc d13 q13 v ddq v dd v ss v dd v ddq nc nc d5 h nc v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j nc nc d14 v ddq v dd v ss v dd v ddq nc q4 d4 k nc nc q14 v ddq v dd v ss v dd v ddq nc d3 q3 l nc q15 d15 v ddq v ss v ss v ss v ddq nc nc q2 m nc nc d16 v ss v ss v ss v ss v ss nc q1 d2 n nc d17 q16 v ss aaav ss nc nc d1 p nc nc q17 a a c a a nc d0 q0 r tdo tck a a a c aaatmstdi
cy7c1303bv25 document number: 38-05627 rev. *g page 5 of 26 pin definitions name i/o description d [x:0] input- synchronous data input signals, sampled on the rising edge of k and k clocks during valid write operations. cy7c1303bv25 ? d [17:0] wps input- synchronous write port select, active low. sampled on the rising edge of the k clock. when asserted active, a write operation is initiated. dea sserting deselects the write port. de selecting the write port causes d [x:0] to be ignored. bws 0 , bws 1 input- synchronous byte write select 0 and 1- active low. sampled on the rising edge of the k and k clocks during write operations. used to select which byte is written in to the device during the cu rrent portion of the write operations. cy7c1303bv25 - bws 0 controls d [8:0] and bws 1 controls d [17:9].] bytes not written remain unaltered. deselecting a by te write select causes the corresponding byte of data to be ignored and not written into the device. a input- synchronous address inputs. sampled on the rising edge of the k clock during active read operations and on the rising edge of k for write operations. these address input s are multiplexed for both read and write operations. internally, the device is organized as 1 m 18 (2 arrays each of 512 k 18) for cy7c1303bv25. therefore, only 19 address inputs are needed to access the entire memory array of cy7c1303bv25. these inputs are ignored when the appropriate port is deselected. q [x:0] outputs- synchronous data output signals. these pins drive out the requested data during a read operation. valid data is driven out on the rising edge of both the c and c clocks during read oper ations or k and k when in single clock mode. when the read port is deselected, q [x:0] are automatically three-stated. cy7c1303bv25 - q [17:0] rps input- synchronous read port select, active low. sampled on the rising edge of positive input clock (k). when active, a read operation is initiated. deasserting causes t he read port to be deselected. when deselected, the pending access is allowed to complete and the out put drivers are automatical ly three-stated following the next rising edge of the k clock. each read access cons ists of a burst of two sequential 18-bit transfers. c input-clock positive input cloc k for output data . c is used in conjunction with c to clock out the read data from the device. c and c can be used together to deskew the flight times of various devices on the board back to the controller. see application example for further details. c input-clock negative input clock for output data . c is used in conjunction with c to clock out the read data from the device. c and c can be used together to deskew the flight times of various devices on the board back to the controller. see application example for further details. k input-clock positive input clock input. the rising edge of k is used to capture synchronous inputs to the device and to drive out data through q [x:0] when in single clock mode. all accesses are initiated on the rising edge of k. k input-clock negative input clock input. k is used to capture synchronous inputs to the device and to drive out data through q [x:0] when in single clock mode. zq input output impedance matching input. this input is used to tune the device outputs to the system data bus impedance. q [x:0] output impedance are set to 0.2 rq, wh ere rq is a resistor connected between zq and ground. alternately, this pin can be connected directly to v ddq , which enables the minimum impedance mode. this pin cannot be connected directly to gnd or left unconnected. tdo output tdo pin for jtag . tck input tck pin for jtag . tdi input tdi pin for jtag . tms input tms pin for jtag . nc/36m n/a address expansion for 36m. this pin is not connected to the die and so can be tied to any voltage level on cy7c1303bv25 gnd/72m input address expansion for 72 m. this pin has to be tied to gnd on cy7c1303bv25. gnd/144m input address expansion for 144 m. this pin has to be tied to gnd on cy7c1303bv25. nc n/a not connected to the die. can be tied to any voltage level.
cy7c1303bv25 document number: 38-05627 rev. *g page 6 of 26 functional overview the cy7c1303bv25 are synchronous pipelined burst sram equipped with both a read port and a write port. the read port is dedicated to read operations and the write port is dedicated to write operations. data flows into the sram through the write port and out through the read port. these devices multiplex the address inputs in order to minimize the number of address pins required. by having separate read and write ports, this architecture completely eliminates the need to ?turn-around? the data bus and avoids any possible data contention, thereby simplifying system desi gn. each access consists of two 18-bit data transfers in the case of cy7c1303bv25, in one clock cycle. accesses for both ports are initiated on the rising edge of the positive input clock (k). all synchronous input timing is referenced from the rising edge of the input clocks (k and k ) and all output timings are referenced to rising edge of output clocks (c and c or k and k when in single clock mode). all synchronous data inputs (d [x:0] ) pass through input registers controlled by the rising edge of the input clocks (k and k ). all synchronous data outputs (q [x:0] ) pass through output registers controlled by the rising edge of the output cl ocks (c and c , or k and k when in single clock mode). all synchronous control (rps , wps , bws [x:0] ) inputs pass through input registers controlle d by the rising edge of input clocks (k and k ). the following descriptions take cy7c1303bv25 as an example. read operations the cy7c1303bv25 is organized internally as 2 arrays of 512 k 18. accesses are completed in a burst of two sequential 18-bit data words. read operat ions are initiated by asserting rps active at the rising edge of the positive input clock (k). the address is latched on the rising edge of the k clock. following the next k clock rise the corresponding lower order 18-bit word of data is driven onto the q [17:0] using c as the output timing reference. on the subsequent rising edge of c the higher order data word is driven onto the q [17:0] . the requested data is valid 2.5 ns from the rising edge of the output clock (c and c , or k and k when in single clock mode, 167 mhz device). synchronous internal circuitry automatically three-states the outputs following the next rising edge of the positive output clock (c). this allows for a seamless transition between devices without the insertion of wait st ates in a depth expanded memory. write operations write operations are initiated by asserting wps active at the rising edge of the positive input clock (k). on the same k clock rise the data presented to d [17:0] is latched and stored into the lower 18-bit write data register provided bws [1:0] are both asserted active. on the subsequent rising edge of the negative input clock (k ), the address is latched and the information presented to d [17:0] is stored into the writ e data register provided bws [1:0] are both asserted active. the 36-bits of data are then written into the me mory array at the specified location. when deselected, the write port ignores all inputs after the pending write operations have been completed. byte write operations byte write operations are supported by the cy7c1303bv25. a write operation is initiated as described in the write operation section above. the bytes that are written are determined by bws 0 and bws 1 which are sampled with each set of 18-bit data word. asserting the appropriate byte write select input during the data portion of a write allows the data being presented to be latched and written into the device. deasserting the byte write select input during the data port ion of a write allows the data stored in the device for that byte to remain unaltered. this feature can be used to simplify read/modify/write operations to a byte write operation. single clock mode the cy7c1303bv25 can be used with a single clock mode. in this mode the device recognizes on ly the pair of input clocks (k and k ) that control both the input and output registers. this operation is identical to the oper ation if the device had zero skew between the k/k and c/c clocks. all timing parameters remain the same in this mode. to use th is mode of operation, the user must tie c and c high at power-up.this function is a strap option and not alterable during device operation. concurrent transactions the read and write ports on the cy7c1303bv25 operate completely independently of one another. since each port latches the address inputs on different clock edges, the user can read or write to any location, regardless of the transaction on the other port. also, reads and writes can be started in the same clock cycle. if the ports access the same locati on at the same time, the sram delivers the most recent information associated with the specified address location. this includes forwarding data from a write cycle that was initiated on the pr evious k clock rise. depth expansion the cy7c1303bv25 has a port select input for each port. this allows for easy depth expansion. both port selects are sampled on the rising edge of the positive input clock only (k). each port select input can deselect the s pecified port. deselecting a port v ref input- reference reference voltage input. static input used to set the reference level for hstl inputs and outputs as well as ac measurement points. v dd power supply power supply inputs to the core of the device . v ss ground ground for the device . v ddq power supply power supply inputs for the outputs of the device . pin definitions (continued) name i/o description
cy7c1303bv25 document number: 38-05627 rev. *g page 7 of 26 does not affect the other port. all pending transactions (read and write) are completed prior to the device being deselected. programmable impedance an external resistor, rq, must be connected between the zq pin on the sram and v ss to allow the sram to adjust its output driver impedance. the value of rq must be 5 the value of the intended line impedance driven by the sram, the allowable range of rq to guarantee impedanc e matching with a tolerance of 15% is between 175 ? and 350 ? , with v ddq = 1.5 v. the output impedance is adjusted ev ery 1024 cycles to account for drifts in supply voltage and temperature. application example figure 2 shows four qdr i used in an application. figure 2. application example
cy7c1303bv25 document number: 38-05627 rev. *g page 8 of 26 truth table the truth table for cy7c1303bv25 follow. [1, 2, 3, 4, 5, 6] operation k rps wps dq dq write cycle: load address on the rising edge of k clock; input write data on k and k rising edges. l?h x l d(a+0) at k(t) ? d(a+1) at k (t) ? read cycle: load address on the rising edge of k clock; wait one cycle; read data on 2 consecutive c and c rising edges. l?h l x q(a+0) at c(t+1) ? q(a+1) at c (t+1) ? nop: no operation l?h h h d = x q = high z d = x q = high z standby: clock stopped stopped x x previous state previous state notes 1. x = do not care, h = logic high, l = logic low, ? represents rising edge. 2. device power-ups deselected and the outputs in a three-state condition. 3. ?a? represents address location latched by the devices when transaction was initiated. a + 0, a + 1 represent the addresses s equence in the burst. 4. ?t? represents the cycle at which a read/write operation is st arted. t+1 is the first clock cycle succeeding the ?t? clock cy cle. 5. data inputs are registered at k and k rising edges. data outputs are delivered on c and c rising edges, except when in single clock mode. 6. it is recommended that k = k and c = c when clock is stopped. this is not essential, but permits most rapid restart by overcoming transmission line charging symmetrically. 7. x = do not care, h = logic high, l = logic low, ? represents rising edge. 8. assumes a write cycle was initiated per the wr ite port cycle description truth table. bws 0 , bws 1 , in the case of cy7c1303bv25 can be altered on different portions of a write cycle, as long as the setup and hold requirements are achieved. write cycle descriptions the write cycle description ta ble for cy7c1303bv25 follow. [7, 8] bws 0 bws 1 k k comments l l l?h ? during the data portion of a write sequence, both bytes (d [17:0] ) are written into the device. l l ? l?h during the data portion of a write sequence, both bytes (d [17:0] ) are written into the device. l h l?h ? during the data portion of a write sequence, only the lower byte (d [8:0] ) is written into the device. d [17:9] remains unaltered. l h ? l?h during the data portion of a write sequence, only the lower byte (d [8:0] ) is written into the device. d [17:9] remains unaltered. h l l?h ? during the data portion of a write sequence, only the byte (d [17:9] ) is written into the device. d [8:0] remains unaltered. h l ? l?h during the data portion of a write sequence, only the byte (d [17:9] ) is written into the device. d [8:0] remains unaltered. h h l?h ? no data is written into the device during this portion of a write operation. h h ? l?h no data is written into the device during this portion of a write operation.
cy7c1303bv25 document number: 38-05627 rev. *g page 9 of 26 ieee 1149.1 serial boundary scan (jtag) these srams incorporate a serial boundary scan test access port (tap) in the fbga package. this part is fully compliant with ieee standard #1149.1 to 1900. the tap operates using jedec standard 2.5 v i/o logic levels. disabling the jtag feature it is possible to operate the sram without using the jtag feature. to disable the tap co ntroller, tck must be tied low (v ss ) to prevent clocking of the device. tdi and tms are internally pulled up and may be unconnected. they may alternately be connected to v dd through a pull-up resistor. tdo should be left unconnected. upon power-up, the device comes up in a reset state which does not interfere with the operation of the device. test access port test clock the test clock is used only with the tap controller. all inputs are captured on the rising edge of tc k. all outputs are driven from the falling edge of tck. test mode select the tms input is used to give commands to the tap controller and is sampled on the rising edge of tck. it is allowable to leave this pin unconnected if the tap is not used. the pin is pulled up internally, resulting in a logic high level. test data-in (tdi) the tdi pin is used to serially input information into the registers and can be connected to the input of any of the registers. the register between tdi and tdo is chosen by the instruction that is loaded into the tap instruction register. for information on loading the instruction register, see the tap controller state diagram on page 11 . tdi is internally pulled up and can be unconnected if the tap is unus ed in an application. tdi is connected to the most signific ant bit (msb) on any register. test data-out (tdo) the tdo output pin is used to serially clock data-out from the registers. the output is active depending upon the current state of the tap state machine (see instruction codes on page 15 ). the output changes on the falling edge of tck. tdo is connected to the least significant bit (lsb) of any register. performing a tap reset a reset is performed by forcing tms high (v dd ) for five rising edges of tck. this reset does no t affect the operation of the sram and may be performed while the sram is operating. at power-up, the tap is reset internally to ensure that tdo comes up in a high z state. tap registers registers are connected between the tdi and tdo pins to scan the data in and out of the sram te st circuitry. only one register can be selected at a time through the instruction registers. data is serially loaded into the tdi pin on the rising edge of tck. data is output on the tdo pin on the falling edge of tck. instruction register three-bit instructions can be serially loaded into the instruction register. this register is loaded when it is placed between the tdi and tdo pins as shown in tap controller block diagram on page 12 . upon power-up, the instruction register is loaded with the idcode instruction. it is also loaded with the idcode instruction if the controller is placed in a reset state as described in the previous section. when the tap controller is in the capture ir state, the two least significant bits are loaded with a binary ?01? pattern to allow for fault isolation of the board level serial test path. bypass register to save time when serially shifting data through registers, it is sometimes advantageous to skip certain chips. the bypass register is a single-bit register that can be placed between tdi and tdo pins. this allows data to be shifted through the sram with minimal delay. the bypass register is set low (v ss ) when the bypass instruction is executed. boundary scan register the boundary scan register is connected to all of the input and output pins on the sram. several no connect (nc) pins are also included in the scan register to reserve pins for higher density devices. the boundary scan register is loaded with the contents of the ram input and output ring when the tap controller is in the capture-dr state and is then placed between the tdi and tdo pins when the controller is moved to the shift-dr state. the extest, sample/preload and sam ple z instructions can be used to capture the contents of the input and output ring. the boundary scan order on page 16 show the order in which the bits are connected. each bit corresponds to one of the bumps on the sram package. the msb of the register is connected to tdi, and the lsb is connected to tdo. identification (id) register the id register is loaded with a vendor specific, 32-bit code during the capture-dr state when the idcode command is loaded in the instruction register . the idcode is hardwired into the sram and can be shifted out when the tap controller is in the shift-dr state. the id regist er has a vendor code and other information described in the identification register definitions on page 15 . tap instruction set eight different instructions ar e possible with the three-bit instruction register . all combinations are listed in the instruction codes on page 15 . three of these instru ctions are listed as reserved and should not be used. the other five instructions are described in detail below. instructions are loaded into the tap controller during the shift-ir state when the instruction register is placed between tdi and tdo. during this state, instructions are shifted through the instruction register through the tdi and tdo pins. to execute the instruction after it is shifted in, the tap controller needs to be moved into the update-ir state.
cy7c1303bv25 document number: 38-05627 rev. *g page 10 of 26 idcode the idcode instruction causes a vendor specific, 32-bit code to be loaded into the instruction register. it also places the instruction register between the tdi and tdo pins and allows the idcode to be shifted out of the device when the tap controller enters the shift-dr st ate. the idcode instruction is loaded into the instruction regi ster upon power-up or whenever the tap controller is given a test logic reset state. sample z the sample z instruction causes the boundary scan register to be connected between the tdi and tdo pins when the tap controller is in a shift-dr state. the sample z command puts the output bus into a high z stat e until the next command is given during the ?update ir? state. sample/preload sample/preload is a 1149.1 mandatory instruction. when the sample/preload instructions are loaded into the instruction register and the tap controller is in the capture-dr state, a snapshot of data on the inputs and output pins is captured in the boundary scan register. the user must be aware that t he tap controller clock can only operate at a frequency up to 10 mhz, while the sram clock operates more than an order of magnitude faster. because there is a large difference in the clock frequencies, it is possible that during the capture-dr state, an input or output undergoes a transition. the tap may then try to capture a signal while in transition (metastable state). this does not harm the device, but there is no guarantee as to the value that are captured. repeatable results may not be possible. to guarantee that the boundary scan register captures the correct value of a signal, the sram signal must be stabilized long enough to meet the tap cont roller?s capture setup plus hold times (t cs and t ch ). the sram clock input might not be captured correctly if there is no way in a de sign to stop (or slow) the clock during a sample/preload instructi on. if this is an issue, it is still possible to capture all other signals and simply ignore the value of the ck and ck captured in the boundary scan register. after the data is captured, it is possible to shift out the data by putting the tap into the shift-dr state. this places the boundary scan register between the tdi and tdo pins. preload allows an initial data pattern to be placed at the latched parallel outputs of the boun dary scan register cells prior to the selection of another boundary scan test operation. the shifting of data for the sample and preload phases can occur concurrently when required, that is, while data captured is shifted out, the preloaded data can be shifted in. bypass when the bypass instruction is loaded in the instruction register and the tap is placed in a shift- dr state, the bypass register is placed between the tdi and tdo pins. the advantage of the bypass instruction is that it shortens the boundary scan path when multiple devices are connected together on a board. extest the extest instruction enables the preloaded data to be driven out through the system ou tput pins. this inst ruction also selects the boundary scan register to be connected for serial access between the tdi and tdo in the shift-dr controller state. extest output bus tri-state ieee standard 1149.1 mandates that the tap controller be able to put the output bus into a tri-state mode. the boundary scan register has a special bit located at bit #47. when this scan cell, called the ?extest output bus tri-state?, is latched into the preload register during the ?update-dr? state in the tap controller, it directly controls the state of the output (q-bus) pins, when the extest is entered as the current instruction. when high, it enables the output buffers to drive the output bus. when low, this bi t places the output bus into a high z condition. this bit can be set by entering the sample/preload or extest command, and then shifting the desired bit into that cell, during the ?shift-dr? state. during ?update-dr?, the value loaded into that shift-register cell latches into the preload register. when the extest instruction is entered, this bit directly controls the output q-bus pins. note that this bit is pre-set high to enable the output when the device is powered-up, and also when the tap controller is in the ?test-logic-reset? state. reserved these instructions are not im plemented but are reserved for future use. do not use these instructions.
cy7c1303bv25 document number: 38-05627 rev. *g page 11 of 26 tap controller state diagram the state diagram for the tap controller follows. [9] test-logic reset test-logic/ idle select dr-scan capture-dr shift-dr exit1-dr pause-dr exit2-dr update-dr select ir-scan capture-dr shift-ir exit1-ir pause-ir exit2-ir update-ir 1 0 1 1 0 1 0 1 0 0 0 1 1 1 0 1 0 1 0 0 0 1 0 1 1 0 1 0 0 1 1 0 note 9. the 0/1 next to each state represents the value at tms at the rising edge of tck.
cy7c1303bv25 document number: 38-05627 rev. *g page 12 of 26 tap controller block diagram 0 0 1 2 . . 29 30 31 boundary scan register identification register 0 1 2 . . . . 106 0 1 2 instruction register bypass register selection circuitry selection circuitry tap controller tdi tdo tck tms tap electrical characteristics over the operating range parameter [10, 11, 12] description test conditions min max unit v oh1 output high voltage i oh = ?? 2.0 ma 1.7 ? v v oh2 output high voltage i oh = ?? 100 ? a2.1?v v ol1 output low voltage i ol = 2.0 ma ? 0.7 v v ol2 output low voltage i ol = 100 ? a?0.2v v ih input high voltage 1.7 v dd + 0.3 v v il input low voltage ?0.3 0.7 v i x input and output load current gnd ? v i ? v ddq ? 55 ? a notes 10. these characteristic pertain to the tap inputs (tms, tck, tdi and tdo). parallel load levels are specified in the electrical characteristics on page 17 . 11. overshoot: v ih(ac) < v ddq + 0.85 v (pulse width less than t cyc /2), undershoot: v il(ac) > ?1.5 v (pulse width less than t cyc /2). 12. all voltage referenced to ground.
cy7c1303bv25 document number: 38-05627 rev. *g page 13 of 26 tap ac switchi ng characteristics over the operating range parameter [13, 14] description min max unit t tcyc tck clock cycle time 50 ? ns t tf tck clock frequency ? 20 mhz t th tck clock high 20 ? ns t tl tck clock low 20 ? ns setup times t tmss tms setup to tck clock rise 10 ? ns t tdis tdi setup to tck clock rise 10 ? ns t cs capture setup to tck rise 10 ? ns hold times t tmsh tms hold after tck clock rise 10 ? ns t tdih tdi hold after clock rise 10 ? ns t ch capture hold after clock rise 10 ? ns output times t tdov tck clock low to tdo valid ? 20 ns t tdox tck clock low to tdo invalid 0 ? ns notes 13. t cs and t ch refer to the setup and hold time requirements of latching data from the boundary scan register. 14. test conditions are specified using t he load in tap ac test conditions. t r /t f = 1 ns.
cy7c1303bv25 document number: 38-05627 rev. *g page 14 of 26 tap timing and test conditions figure 3 shows the tap timing and test conditions. [15] figure 3. tap timing and test conditions t tl t th (a) tdo c l = 20 pf z 0 = 50 ? gnd 1.25 v 50 ? 2.5 v 0 v all input pulses 1.25 v test clock test mode select tck tms test data in tdi test data out t tcyc t tmsh t tmss t tdis t tdih t tdov t tdox tdo note 15. test conditions are specified using t he load in tap ac test conditions. t r /t f = 1 ns.
cy7c1303bv25 document number: 38-05627 rev. *g page 15 of 26 identification regi ster definitions instruction field value description cy7c1303bv25 revision number (31:29) 000 version number. cypress device id (28:12) 01011010010010101 defines the type of sram. cypress jedec id (11:1) 00000110100 allows unique identification of sram vendor. id register presence (0) 1 indicate the presence of an id register. scan register sizes register name bit size instruction 3 bypass 1 id 32 boundary scan 107 instruction codes instruction code description extest 000 captures the i/o ring contents. idcode 001 loads the id register wit h the vendor id code and places the register between tdi and tdo. this operation does not affect sram operation. sample z 010 captures the input/output contents. pl aces the boundary scan regi ster between tdi and tdo. forces all sram output drivers to a high z state. reserved 011 do not use: this instruct ion is reserved for future use. sample/preload 100 captures the input/ou tput ring contents. places the b oundary scan register between tdi and tdo. does not affect the sram operation. reserved 101 do not use: this instruct ion is reserved for future use. reserved 110 do not use: this instruct ion is reserved for future use. bypass 111 places the bypass register between tdi and tdo. this operation does not affect sram operation.
cy7c1303bv25 document number: 38-05627 rev. *g page 16 of 26 boundary scan order bit # bump id bit # bump id bit # bump id bit # bump id 0 6r 27 11h 54 7b 81 3g 1 6p 28 10g 55 6b 82 2g 2 6n 29 9g 56 6a 83 1j 3 7p 30 11f 57 5b 84 2j 4 7n 31 11g 58 5a 85 3k 5 7r 32 9f 59 4a 86 3j 6 8r 33 10f 60 5c 87 2k 7 8p 34 11e 61 4b 88 1k 8 9r 35 10e 62 3a 89 2l 9 11p 36 10d 63 1h 90 3l 10 10p 37 9e 64 1a 91 1m 11 10n 38 10c 65 2b 92 1l 12 9p 39 11d 66 3b 93 3n 13 10m 40 9c 67 1c 94 3m 14 11n 41 9d 68 1b 95 1n 15 9m 42 11b 69 3d 96 2m 16 9n 43 11c 70 3c 97 3p 17 11l 44 9b 71 1d 98 2n 18 11m 45 10b 72 2c 99 2p 19 9l 46 11a 73 3e 100 1p 20 10l 47 internal 74 2d 101 3r 21 11k 48 9a 75 2e 102 4r 22 10k 49 8b 76 1e 103 4p 23 9j 50 7c 77 2f 104 5p 24 9k 51 6c 78 3f 105 5n 25 10j 52 8a 79 1g 106 5r 26 11j 53 7a 80 1f
cy7c1303bv25 document number: 38-05627 rev. *g page 17 of 26 maximum ratings exceeding maximum ratings may shorten the useful life of the device. user guidelines are not tested. storage temperature ............................... ?65 c to + 150 c ambient temperature with power applied ......................................... ?55 c to + 125 c supply voltage on v dd relative to gnd ......?0.5 v to + 3.6 v supply voltage on v ddq relative to gnd ..... ?0.5 v to + v dd dc applied to outputs in high z state ..................................?0.5 v to v ddq + 0.5 v dc input voltage [16] ............................ ?0.5 v to v dd + 0.5 v current into outputs (low) ........................................ 20 ma static discharge voltage (per mil-std-883, method 3015) ......................... > 2001 v latch-up current ................................................... > 200 ma operating range range ambient temperature (t a ) v dd [17] v ddq [17] commercial 0 c to + 70 c 2.5 0.1 v 1.4 v to 1.9 v neutron soft error immunity parameter description test conditions typ max* unit lsbu logical single-bit upsets 25 c 320 368 fit/ mb lmbu logical multi-bit upsets 25 c 0 0.01 fit/ mb sel single event latch-up 85 c 0 0.1 fit/ dev * no lmbu or sel events occurred during testing ; this column represents a statistical ? 2 , 95% confidence limit calculat ion. for more details refer to application note, accelerated neutron ser testing and calculation of terrestrial failure rates ? an54908 . electrical characteristics over the operating range dc electrical characteristics over the operating range parameter [18] description test conditions min typ max unit v dd power supply voltage 2.4 2.5 2.6 v v ddq i/o supply voltage 1.4 1.5 1.9 v v oh output high voltage note 19 v ddq /2 ? 0.12 ? v ddq /2 + 0.12 v v ol output low voltage note 20 v ddq /2 ? 0.12 ? v ddq /2 + 0.12 v v oh(low) output high voltage i oh = ?0.1 ma, nominal impedance v ddq ? 0.2 ? v ddq v v ol(low) output low voltage i ol = 0.1 ma, nominal impedance v ss ?0.2 v v ih input high voltage [16] v ref + 0.1 ? v ddq + 0.3 v v il input low voltage [16, 21] ?0.3 ? v ref ? 0.1 v v ref input reference voltage [22] typical value = 0.75 v 0.68 0.75 0.95 v i x input leakage current gnd ? v i ? v ddq ?5 ? 5 ? a i oz output leakage current gnd ? v i ? v ddq, output disabled ?5 ? 5 ? a notes 16. overshoot: v ih(ac) < v ddq + 0.85 v (pulse width less than t cyc /2), undershoot: v il(ac) > ?1.5 v (pulse width less than t cyc /2). 17. power-up: assumes a linear ramp from 0 v to v dd(min.) within 200 ms. during this time v ih < v dd and v ddq < v dd . 18. all voltage referenced to ground. 19. output are impedance controlled. i oh = ?v ddq /2)/(rq/5) for values of 175 ? < rq < 350 ? . 20. output are impedance controlled. i ol = (v ddq /2)/(rq/5) for values of 175 ? < rq < 350 ? . 21. this spec is for all inputs except c and c clock. for c and c clock, v il(max.) = v ref ? 0.2 v. 22. v ref(min.) = 0.68 v or 0.46 v ddq , whichever is larger, v ref(max.) = 0.95 v or 0.54 v ddq , whichever is smaller.
cy7c1303bv25 document number: 38-05627 rev. *g page 18 of 26 i dd v dd operating supply v dd = max., i out = 0 ma, f = f max = 1/t cyc ? ? 500 ma i sb1 automatic power-down current max. v dd , both ports deselected, v in ? v ih or v in ? v il , f = f max =1/t cyc, inputs static ? ? 240 ma electrical characteristics (continued) over the operating range dc electrical characteristics (continued) over the operating range parameter [18] description test conditions min typ max unit ac electrical characteristics over the operating range parameter description test conditions min typ max unit v ih input high voltage v ref + 0.2 ? ? v v il input low voltage ? ? v ref ? 0.2 v thermal resistance parameter [23] description test conditions 165-ball fbga package unit ? ja thermal resistance (junction to ambient) test conditions follow standard test methods and procedures for measuring thermal impedance, per eia/jesd51. 16.7 ? c/w ? jc thermal resistance (junction to case) 6.5 ? c/w capacitance parameter [23] description test conditions max unit c in input capacitance t a = 25 c, f = 1 mhz, v dd = 2.5 v, v ddq = 1.5 v 5 pf c clk clock input capacitance 6pf c o output capacitance 7pf ac test loads and waveforms figure 4. ac test loads and waveforms 1.25 v 0.25 v r = 50 ? 5pf all input pulses device r l = 50 ? z 0 = 50 ? v ref = 0.75 v v ref = 0.75 v [24] 0.75 v under te s t 0.75 v device under te s t output 0.75 v v ref v ref output zq zq (a) slew rate = 2 v/ns rq = 250 ? (b) rq = 250 ? 23. tested initially and after any design or proc ess change that may affect these parameters. 24. unless otherwise noted, test conditions assume signal trans ition time of 2 v/ns, timing reference levels of 0.75 v,v ref = 0.75 v, rq = 250 ? , v ddq = 1.5 v, input pulse levels of 0.25 v to 1.25 v, and output loading of the specified i ol /i oh and load capacitance shown in (a) of figure 4 .
cy7c1303bv25 document number: 38-05627 rev. *g page 19 of 26 switching characteristics over the operating range parameter [25] description 167 mhz unit cypress parameter consortium parameter min max t power [26] v cc (typical) to the first access read or write 10 ? ? s cycle time t cyc t khkh k clock and c clock cycle time 6.0 ? ns t kh t khkl input clock (k/k and c/c ) high 2.4 ? ns t kl t klkh input clock (k/k and c/c ) low 2.4 ? ns t khk h t khk h k/k clock rise to k /k clock rise and c/c to c/c rise (rising edge to rising edge) 2.7 3.3 ns t khch t khch k/k clock rise to c/c clock rise (rising edge to rising edge) 0.0 2.0 ns setup times t sa t sa address setup to clock (k and k ) rise 0.7 ? ns t sc t sc control setup to clock (k and k ) rise (rps , wps , bws 0 , bws 1 )0.7?ns t sd t sd d [x:0] setup to clock (k and k ) rise 0.7 ? ns hold times t ha t ha address hold after clock (k and k ) rise 0.7 ? ns t hc t hc control signals hold after clock (k and k ) rise (rps , wps , bws 0 , bws 1 )0.7 ? ns t hd t hd d [x:0] hold after clock (k and k ) rise 0.7 ? ns output times t co t chqv c/c clock rise (or k/k in single clock mode) to data valid ? 2.5 ns t doh t chqx data output hold after output c/c clock rise (activ e to active) 1.2 ? ns t chz t chz clock (c and c ) rise to high z (active to high z) [27, 28] ?2.5ns t clz t clz clock (c and c ) rise to low z [27, 28] 1.2 ? ns notes 25. unless otherwise noted, test conditions assume signal transiti on time of 2 v/ns, timing reference levels of 0.75 v, v ref = 0.75 v, rq = 250 ? , v ddq = 1.5 v, input pulse levels of 0.25 v to 1.25 v, and output loading of the specified i ol /i oh and load capacitance shown in (a) of figure 4 on page 18 . 26. this part has a voltage regulator that steps down the voltage internally; t power is the time power needs to be supplied above v dd minimum initially before a read or write operation can be initiated. 27. at any given voltage and temperature t chz is less than t clz and, t chz less than t co . 28. t chz , t clz , are specified with a load capacitance of 5 pf as in part (b) of figure 4 on page 18 . transition is measured 100 mv from steady-state voltage.
cy7c1303bv25 document number: 38-05627 rev. *g page 20 of 26 switching waveforms figure 5. switching waveforms [29, 30, 31] read read write write p o n e t i r w p o n e t i r w d a e r k 1 8 5 4 3 2 1 0 6 7 k rps w ps a q d c c a1 a0 d10 t kh t khkh t khch t co t kl t cyc thc t sa t ha t hd t khch dont care undefine d t clz t chz tsc t kh t kl a2 a3 a4 a5 a6 t ha d11 d30 d31 d50 d51 d60 d61 t sd t hd 1 2 q 0 0 q 1 4 q 0 4 q 0 2 q 1 0 q t co t doh t doh t khkh tcyc 9 t sa t sd notes 29. q00 refers to output from address a0. q01 refers to output from the next internal burst address following a0, i.e., a0 + 1. 30. outputs are disabled (high z) one clock cycle after a nop. 31. in this example, if address a2 = a1 then data q20 = d10 and q2 1 = d11. write data is forwarded immediately as read results.t his note applies to the whole diagram.
cy7c1303bv25 document number: 38-05627 rev. *g page 21 of 26 ordering information the table below contains only the parts that are currently availa ble. if you don?t see what you are looking for, please contact your local sales representative. for more inform ation, visit the cypress website at www.cypress.com and refer to the product summary page at http://www.cypre ss.com/products cypress maintains a worldwide network of offices, solution cent ers, manufacturer?s representativ es and distributors. to find th e office closest to you, visit us at http://www.cypress.com/ go/datasheet/offices. ordering code definitions speed (mhz) ordering code package diagram package type operating range 167 CY7C1303BV25-167BZC 51-85180 165-ball fbga (13 15 1.4 mm) commercial temperature range: c = commercial x = pb-free; x absent = leaded package type: bz = 165-ball fbga speed grade: 167 mhz v25 = 2.5 v process technology: b ? 90 nm 1303 = part identifier technology code: c = cmos marketing code: 7 = sram company id: cy = cypress c 1303 b - 167 c bz cy 7 x v25
cy7c1303bv25 document number: 38-05627 rev. *g page 22 of 26 package diagram figure 6. 165-ball fbga (13 15 1.4 mm) bb165d/bw 165d (0.5 ball diameter) package outline, 51-85180 51-85180 *f
cy7c1303bv25 document number: 38-05627 rev. *g page 23 of 26 acronyms document conventions units of measure acronym description ddr double data rate fbga fine-pitch ball grid array hstl high-speed transceiver logic i/o input/output jedec joint electron device engineering council jtag joint test action group lmbu logical multi-bit upsets lsb least significant bit lsbu logical single-bit upsets msb most significant bit pll phase-locked loop qdr quad data rate sel single event latch-up sram static random access memory tap test access port tck test clock tdi test data in tdo test data out tms test mode select symbol unit of measure c degree celsius k ? kilohm mhz megahertz a microampere s microsecond ma milliampere mv millivolt mm millimeter ms millisecond ns nanosecond ? ohm % percent pf picofarad ps picosecond vvolt wwatt
cy7c1303bv25 document number: 38-05627 rev. *g page 24 of 26 document history page document title: cy7c1303bv25, 18-mbit bu rst of two-pipelined sram with qdr ? architecture document number: 38-05627 rev. ecn orig. of change submission date description of change ** 253010 syt 08/13/04 new data sheet. *a 436864 nxr see ecn changed status from preliminary to final. updated features (changed c/c description). updated selection guide (removed 133 mhz and 100 mhz from product offering). updated pin definitions (updated c/c description, updated zq description (alternately, this pin can be connected directly to v ddq , which enables the minimum impedance mode.)). updated tap ac switching characteristics (changed minimum value of t tcyc parameter from 100 ns to 50 ns, changed maximum value of t tf parameter from 10 mhz to 20 mhz, changed minimum value of t th and t tl parameters from 40 ns to 20 ns). updated maximum ratings (included maximum ratings for supply voltage on v ddq relative to gnd, changed the maximum ratings for dc input voltage from v ddq to v dd ). updated operating range (updated note 17 (modified test condition from v ddq < v dd to v ddq ? v dd ), included the industrial operating range). updated electrical characteristics (changed description of i x parameter from input load current to input leakage current, removed 133 mhz and 100 mhz from product offering). updated ordering information (updated table and replaced package name column with package diagram). *b 2755901 vkn 08/25/09 added neutron soft error immunity . updated ordering information (updated table by including parts that are available, and modified the disclaimer for the ordering information). updated package diagram . *c 2998771 njy 08/02/10 updated package diagram . updated in new template. *d 3310077 osn 07/12/2011 added units of measure . updated in new template. *e 3534369 prit 02/24/2012 updated configurations (removed cy7c1306bv25 related information). updated functional description (removed cy7c1306bv25 related information). updated selection guide (removed cy7c1306bv25 related information). removed logic block diagram ? cy7c1306bv25. updated pin configuration (removed cy7c1306bv25 related information). updated pin definitions (removed cy7c1306bv25 related information). updated functional overview (removed cy7c1306bv25 related information). updated truth table (removed cy7c1306bv25 related information). updated write cycle descriptions (removed cy7c1306bv25 related information). updated identification register definitions (removed cy7c1306bv25 related information). updated operating range (removed industrial operating range). updated package diagram . *f 3690005 prit 07/24/2012 no technical ch anges. completing sunset review.
cy7c1303bv25 document number: 38-05627 rev. *g page 25 of 26 *g 4064320 prit 07/16/2013 updated package diagram : spec 51-85180 ? changed revision from *e to *f. updated in new template. completing sunset review. document history page (continued) document title: cy7c1303bv25, 18-mbit bu rst of two-pipelined sram with qdr ? architecture document number: 38-05627 rev. ecn orig. of change submission date description of change
document number: 38-05627 rev. *g revised july 16, 2013 page 26 of 26 quad data rate ? sram and qdr ? sram comprise a new family of products developed by cypress, idt, nec, renesas and samsung. all products and company names men tioned in this document may be the trademarks of their respective holders. cy7c1303bv25 ? cypress semiconductor corporation, 2004-2013. the information contained herein is subject to change without notice. cypress s emiconductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under patent or other rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement wi th cypress. furthermore, cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. the inclusion of cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. any source code (software and/or firmware) is owned by cypress semiconductor corporation (cypress) and is protected by and subj ect to worldwide patent protection (united states and foreign), united states copyright laws and internatio nal treaty provisions. cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the cypress source code and derivative works for the sole purpose of creating custom software and or firmware in su pport of licensee product to be used only in conjunction with a cypress integrated circuit as specified in the applicable agreement. any reproduction, modification, translation, compilation, or repre sentation of this source code except as specified above is prohibited without the express written permission of cypress. disclaimer: cypress makes no warranty of any kind, express or implied, with regard to this material, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose. cypress reserves the right to make changes without further notice to t he materials described herein. cypress does not assume any liability arising out of the application or use of any product or circuit described herein. cypress does not authori ze its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. the inclusion of cypress? prod uct in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. use may be limited by and subject to the applicable cypress software license agreement. sales, solutions, and legal information worldwide sales and design support cypress maintains a worldwide network of offices, solution center s, manufacturer?s representatives, and distributors. to find t he office closest to you, visit us at cypress locations . products automotive cypress.co m/go/automotive clocks & buffers cypress.com/go/clocks interface cypress. com/go/interface lighting & power control cypress.com/go/powerpsoc cypress.com/go/plc memory cypress.com/go/memory psoc cypress.com/go/psoc touch sensing cyp ress.com/go/touch usb controllers cypress.com/go/usb wireless/rf cypress.com/go/wireless psoc ? solutions psoc.cypress.com/solutions psoc 1 | psoc 3 | psoc 4 | psoc 5lp cypress developer community community | forums | blogs | video | training technical support cypress.com/go/support


▲Up To Search▲   

 
Price & Availability of CY7C1303BV25-167BZC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X